Part Number Hot Search : 
DS1921G 010D0 UPD7011 B5105 MC7915CT 24106 PS151 D6N60
Product Description
Full Text Search
 

To Download KDV147 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1996. 11. 16 1/2 semiconductor technical data KDV147 revision no : 1 fm radio band tuning application. features  low r s : r s =0.3 u (typ.).  small package. maximum ratings (ta=25 1 ) 1 2 3 to-92m dim millimeters a b c d e f g h j k 1. anode 1 3. anode 2 2. cathode 1, 2 3.20 max 4.30 max 0.55 max 2.40 0.15 1.27 2.30 14.00 0.50 0.60 max 1.05 1.45 25 0.55 max l m n f a g j k d ee l n m c h 0.80 o 0.75 o b + _ + _ 12 3 electrical characteristics (ta=25 1 ) variable capacitance diode silicon epitaxial planar diode classipication of capacitance grade characteristic symbol rating unit reverse voltage v r 15 v junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit reverse voltage v r i r =10  a 15 - - v reverse current i r v r =15v - - 50 na capacitance c 2v v r =2v, f=1mhz 34.0 - 39.5 pf c 8v v r =8v, f=1mhz 11.7 - 13.7 capacitance ratio c 2v /c 8v 2.7 2.95 3.2 series resistance r s c=30pf, f=50mhz - 0.3 0.5 u grade capacitance (c 2v ) unit a 34.0  35.5 pf b 35.0  36.5 c 36.0  37.5 d 37.0  38.5 e 38.0  39.5 note : r s test circuit hi a1 a2 q meter h.p model 4342a lo k r v 100k ? 1000pf c is a1 - a2 capacitance.
1996. 11. 16 2/2 KDV147 revision no : 1 variation of capacitance -3 -50 ambient temperature ta ( c) c(temp.)/c(25 c) - ta normalized tuning frequency f/f(max) 0.5 0 reverse voltage v (v) r r max f/f - v 10 reverse current i (pa) 0 r 0 reverse voltage v (v) r i - v c - v r reverse voltage v (v) 0 capacitance c (pf) 10 figure of merit q 100 0 reverse voltage v (v) r q - v r 246810 30 50 70 100 f=1mhz ta=25 c rr 4 8 12 16 100 1k ta=60 c ta=25 c r 246810 300 500 1k 2k f=50mhz ta=25 c 4681012 0.6 0.7 0.8 0.9 1.0 c=10p f c= 5pf c= 0 l c r v r i d c(temp.)/c(25 c) (%) -25 0 25 50 75 100 125 -2 -1 0 1 2 3 f=1mhz v = 2v r r v =5v r v =8v


▲Up To Search▲   

 
Price & Availability of KDV147

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X